Part Number Hot Search : 
74HCT SM202 TTD10 LRD3361 M4003 FDG6332C TPC8123 DG408DK
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAK CHEONG
(R)
SEMICONDUCTOR
400mW SOD-123 SURFACE MOUNT
Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
Absolute Maximum Ratings
Symbol PD T STG TJ VRSM VRRM IFRM IO Power Dissipation Storage Temperature Range Operating Junction Temperature Non-Repetitive Peak Reverse Voltage Repetitive Peak Reverse Voltage Repetitive Peak Forward Current Continuous Forward Current TA = 25C unless otherwise noted Value 400 -65 to +150 +150 100 75 300 150 Units mW C C V V mA mA
Green Product
Parameter
SOD-123 Flat Lead
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:

Fast Switching Device (T RR <4.0 nS) General Purpose Diodes Flat Lead SOD-123 Small Outline Plastic Package Surface Device Type Mounting RoHS Compliant Green EMC Matte Tin(Sn) Lead Finish Band Indicates Cathode TA = 25C unless otherwise noted Parameter Breakdown Voltage
DEVICE MARKING CODE: Device Type 1N4148W 1N4448W 1N914BW Device Marking D1 D2 D3
Electrical Characteristics
Symbol BV
Test Condition IR=100A IR=5A
Limits Min 100 75 25 5 0.62 0.72 1.0 1.0 Max
Unit
Volts nA A
IR
Reverse Leakage Current
VR=20V VR=75V
VF
Forward Voltage
1N4448W, 1N914BW TC1N444 8W, 1N4148W
IF=5mA IF=10mA IF=100mA IF=10mA IR=60mA
Volts
1N4448W, 1N914BW TRR Reverse Recovery Time
4 RL=100 IRR=1mA C Capacitance VR=0V, f=1M HZ 4
nS
pF
Oct 2008 Release, Revision E Page 1
1N4148W/1N4448W/1N914BW
TAK CHEONG
Typical Performance Characteristics
(R)
SEMICONDUCTOR
Total Capacitance
Forward Voltage vs Ambient Temperature
Oct 2008 Release, Revision E Page 2
TAK CHEONG
(R)
SEMICONDUCTOR
Reverse Current vs Reverse VoltageReverse
Oct 2008 Release, Revision E Page 3
TAK CHEONG
(R)
SEMICONDUCTOR
Flat Lead SOD-123 Package Outline
This datasheet presents technical data of Tak Cheong's Switching Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
Oct 2008 Release, Revision E Page 4


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X